Part Number Hot Search : 
DTMPU63 DFD30TJ 631SC ASI2005 K2962 100R2 T87C5101 DFD30TJ
Product Description
Full Text Search
 

To Download SP203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 polyfet rf devices
SP203
General Description Silicon VDMOS and LDMOS transistors designed specifically for broadband RF applications. Suitable for Militry Radios, Cellular and Paging Amplifier Base Stations, Broadcast FM/AM, MRI, Laser Driver and others. "Polyfet" process features low feedback and output capacitances resulting in high F t transistors with high input impedance and high efficiency.
TM
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR 12.0 Watts Single Ended Package Style AP HIGH EFFICIENCY, LINEAR HIGH GAIN, LOW NOISE
o
ABSOLUTE MAXIMUM RATINGS ( T = 25 C )
Total Device Dissipation 40 Watts Junction to Case Thermal Resistance o 5.00 C/W Maximum Junction Temperature o 200 C Storage Temperature o o -65 C to 150 C DC Drain Current Drain to Gate Voltage 70 V Drain to Source Voltage 70 V Gate to Source Voltage 20 V
2.4 A
RF CHARACTERISTICS (
SYMBOL Gps PARAMETER Common Source Power Gain Drain Efficiency Load Mismatch Tolerance MIN 10 45 TYP
12.0 WATTS OUTPUT )
MAX UNITS dB % 20:1 TEST CONDITIONS Idq = 0.60 A, Vds = 28.0 V, F = 1,000 MHz Idq = 0.60 A, Vds = 28.0 V, F = 1,000 MHz
VSWR
Relative Idq = 0.60 A, Vds = 28.0 V, F = 1,000 MHz
ELECTRICAL CHARACTERISTICS ( EACH SIDE )
SYMBOL Bvdss Idss Igss Vgs gM Rdson Idsat Ciss Crss Coss PARAMETER Drain Breakdown Voltage Zero Bias Drain Current Gate Leakage Current Gate Bias for Drain Current Forward Transconductance Saturation Resistance Saturation Current Common Source Input Capacitance Common Source Feedback Capacitance Common Source Output Capacitance 1 0.9 1.30 4.20 30.0 1.8 18.0 MIN 65 0.6 1 7 TYP MAX UNITS V mA uA V Mho Ohm Amp pF pF pF TEST CONDITIONS Ids = 30.00 mA, Vgs = 0V Vds = 28.0 V, Vgs = 0V Vds = 0V Vgs = 30V Ids = 0.06 A, Vgs = Vds Vds = 10V, Vgs = 5V Vgs = 20V, Ids = 1.50 A Vgs = 20V, Vds = 10V Vds = 28.0 Vgs = 0V, F = 1 MHz Vds = 28.0 Vgs = 0V, F = 1 MHz Vds = 28.0 Vgs = 0V, F = 1 MHz
POLYFET RF DEVICES
REVISION 03/28/2001
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
SP203
POUT VS PIN GRAPH
SP203 POUT VS PIN Freq=1000MHz, VDS=28V, Idq=.6A
100
CAPACITANCE VS VOLTAGE
S2A 3 DICE CAPACITANCE
Ciss
16 14
13.00 12.00
Pout
12 10 8 6 4 2 0 0 0.5 1 1.5 2 2.5 3 PIN IN WATTS 3.5 4 4.5 5 11.00 10.00
10
Coss
1dB compression = 10 watts
9.00 8.00
1
Crss
Efficiency = 45%
Gain
7.00 6.00 5.00
0.1 0 5 10
VDS IN VOLTS
15
20
25
30
IV CURVE
S2A 3 DIE IV
4.5 4 3.5 3 ID IN AMPS 2.5 2 1.5 1 0.5 0 0 2 vg=2v 4 6 Vg=4v 8 10 12 VDS Vg=6v INVOLTSvg=8v 14 0 16 18 vg=12v 20
ID & GM VS VGS S2A 3 DIE ID & GM Vs VG
10.00
Id in amps; Gm in mhos
Id
1.00
gM
0.10
0
2
4
6 8 Vgs in Volts
10
12
14
Zin Zout
PACKAGE DIMENSIONS IN INCHES
Tolerance .XX +/-0.01
.XXX +/-.005 inches
POLYFET RF DEVICES
REVISION 03/28/2001
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com


▲Up To Search▲   

 
Price & Availability of SP203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X